Part Number Hot Search : 
10PBF MAX80 UG2002 10PBF 10PBF MSS1P3L CY621 ML4861
Product Description
Full Text Search
 

To Download BAT17W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BAT17W document number 85657 rev. 1.2, 15-jul-05 vishay semiconductors www.vishay.com 1 17431 small signal schottky diode features ? low turn-on voltage low capacitance  ultrafast switching  ideal for single or double, uhf balanced mixer, modulators and phase detectors.  these diodes are also available in case styles sot-23 with type designation bat17, and sod-323 with type designation BAT17Ws  lead (pb)-free component  component in accordance to rohs 2002/95/ec and weee 2002/96/ec mechanical data case: sod-123 plastic case weight: approx. 9.3 mg packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 3 k per 7" reel (8 mm tape), 15 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified 1) valid provided that electrodes ar e kept at ambient temperature thermal characteristics t amb = 25 c, unless otherwise specified 1) valid provided that electrodes ar e kept at ambient temperature part ordering code marking remarks BAT17W BAT17W-gs18 or BAT17W-gs08 l7 tape and reel parameter test condition symbol value unit continuous reverse voltage v r 4v forward current i f 30 ma power dissipation t c = 25 c p tot 150 1) mw parameter test condition symbol value unit thermal resistance junction to ambient air r thja 500 1) c/w maximum junction temperature t j 125 c storage temperature range t s - 65 to + 150 c e3
www.vishay.com 2 document number 85657 rev. 1.2, 15-jul-05 BAT17W vishay semiconductors electrical characteristics t amb = 25 c, unless otherwise specified package dimensions in mm (inches) parameter test condition symbol min ty p. max unit minimum reverse breakdown voltage i r = 10 av (br)r 4v maximum leakage current v r = 3 v i r 0.25 a v r = 3 v, t amb = 60 c i r 1.25 a maximum forward voltage i f = 10 ma v f 600 mv diode capacitance v r = 0 v, f = 1 mhz c d 1.0 pf cathode band 17432 0.55 (0.022) 1.70 (0.067) 1.40 (0.055) 3.85 (0.152) 3.55 (0.140) 2.85 (0.112) 2.55 (0.100) 0.1 (0.004) max. 1.35 (0.053) max. 0.25 (0.010) min. 0.15 (0.006) max. 2.40 (0.094) 1.40 (0.055) iso method e mounting pad layout 0.72 (0.028)
BAT17W document number 85657 rev. 1.2, 15-jul-05 vishay semiconductors www.vishay.com 3 ozone depleting subst ances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health an d safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the cl ean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semi conductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of , directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany


▲Up To Search▲   

 
Price & Availability of BAT17W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X